PART |
Description |
Maker |
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
SC2441A09 |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
LTC1875 LTC1875EGN |
15A Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator 1.5A, 15uA Quiescent Current Monolithic Synchronous Step-Down Regulator 15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
5962-8994204QA 5962-8994201XX 5962-8994203QA |
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers 3µs, 12-Bit ADC 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches 多模先进先出
|
Nihon Inter Electronics, Corp.
|
LTC1625 LTC1625CS LTC1625CGN LTC1625IGN LTC1625IS |
From old datasheet system No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator No R SENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology
|
FAN8303 FAN8303MX |
2 A 23 V Non-Synchronous Step-Down DC-DC Regulator 2A 23V Non-Synchronous Step-Down DC/DC Regulator
|
Fairchild Semiconductor
|
LTC1879 LTC1879EGN |
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current 1.2A Synchronous Step-Down Regulator with 15uA Quiescent Current
|
Linear Technology
|
LTC3826IUH LTC3826IUH-PBF LTC3826IUH-TR LTC3826IUH |
30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
Linear Technology
|
LTC3822NBSP LTC3822 LTC3822EDD LTC3822EMSE |
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
|
Linear Technology
|
LTC3834 LTC3834EFE-PBF LTC3834EFE-TRPBF LTC3834EUF |
30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30µA IQ Synchronous Step-Down Controller; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PQCC20 30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
MAX1644 MAX1644EAE |
2A, low-voltage, step-down regulator with synchronous rectification and intemal switches 2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
|
MAXIM - Dallas Semiconductor Maixm
|